Part Number Hot Search : 
L7104PGC TP6N60 2SD25 81KZF 2SC3419 LTC1054 MC34114P TPM401
Product Description
Full Text Search
 

To Download SMCJ501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMCJ SERIES
1500 Watts Surface Mount Transient Voltage Suppressor SMC/DO-214AB
.126(3.20) .114(2.90) .245(6.22) .220(5.59)
Features
For surface mounted application Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Fast response time: Typically less than 1.0ps from 0 volt to BV min. Typical IR less than 1A above 10V High temperature soldering guaranteed: 260oC / 10 seconds at terminals Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 1500 watts peak pulse power capability with a 10
X 1000 us waveform by 0.01% duty cycle
.280(7.11) .260(6.60)
.012(.31) .006(.15)
.103(2.62) .079(2.00)
.061(1.56) .050(1.26) .008(.20) .004(.10) .320(8.13) .305(7.75)
.063(1.6) .039(1.0)
Dimensions in inches and (millimeters)
Mechanical Data
Case: Molded plastic Terminals: Pure tin plated lead free. Polarity: Indicated by cathode band Standard packaging: 16mm tape (EIA STD RS-481) Weight: 0.21gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Type Number
Peak Power Dissipation at TA=25 C, Tp=1ms (Note 1)
o
Steady State Power Dissipation Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 2, 3) - Unidirectional Only Maximum Instantaneous Forward Voltage at 100.0A for Unidirectional Only (Note 4)
Symbol PPK Pd IFSM VF
Value Minimum 1500 5 200 3.5 / 5.0
Units Watts Watts Amps Volts
o Operating and Storage Temperature Range TJ, TSTG -55 to + 150 C o Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 C Per Fig. 2. 2. Mounted on 8.0mm2 (.013mm Thick) Copper Pads to Each Terminal. 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum. 4. VF=3.5V on SMCJ5.0 thru SMCJ90 Devices and VF=5.0V on SMCJ100 thru SMCJ170 Devices.
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types SMCJ5.0 through Types SMCJ170. 2. Electrical Characteristics Apply in Both Directions.
- 546 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (SMCJ SERIES)
FIG.1- PEAK PULSE POWER RATING CURVE
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=250C
FIG.2- DERATING CURVE
PM(AV), STEADY STATE POWER DISSIPATION, WATTS
5.0
100
Pppm, PEAK PULSE POWER, KW
10
L=0.375"(9.5mm) LEAD LENGTHS
2.5
With heat sink
1
PULSE Without heat sink
1.6 X 1.6 X .040" (40 X 40 X 1mm.) COPPER HEAT SINKS
0 0 25 50 75 100 125
o
0.31X0.31" (8.0X8.0mm) COPPER PAD AREAS
0.1 0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
150
175
200
td. PULSE WIDTH, sec.
TL, LEAD TEMPERATURE, C
FIG.3- CLAMPING POWER PULSE WAVEFORM
150
PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of lPPM
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
200 8.3ms Single Half Sine Wave JEDEC Method UNIDIRECTIONAL ONLY
tr=10msec.
PEAK PULSE CURRENT - %
100
PEAK VALUE lPPM
100
HALF VALUE- lPPM 2 10/1000msec. WAVEFORM as DEFINED by R.E.A.
50
0
td
0
1.0
2.0 t, TIME, ms
3.0
4.0
10 1 10 NUMBER OF CYCLES AT 60Hz 100
FIG.5- TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL
10000
UNIDIRECTIONAL BIDIRECTIONA
CJ, JUNCTION CAPACITANCE. (pF)
VR=0
1000
100
Tj = 25 C f=1.0MHz Vsig=50mVp-p VR-RATED STAND-OFF VOLTAGE
O
10 1 10 100 200
V(BR), BREAKDOWN VOLTAGE. VOLTS
Version: B07
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Type Modified "J" Bend Lead SMCJ5.0 SMCJ5.0A SMCJ6.0 SMCJ6.0A SMCJ6.5 SMCJ6.5A SMCJ7.0 SMCJ7.0A SMCJ7.5 SMCJ7.5A SMCJ8.0 SMCJ8.0A SMCJ8.5 SMCJ8.5A SMCJ9.0 SMCJ9.0A SMCJ10 SMCJ10A SMCJ11 SMCJ11A SMCJ12 SMCJ12A SMCJ13 SMCJ13A SMCJ14 SMCJ14A SMCJ15 SMCJ15A SMCJ16 SMCJ16A SMCJ17 SMCJ17A SMCJ18 SMCJ18A SMCJ20 SMCJ20A SMCJ22 SMCJ22A SMCJ24 SMCJ24A SMCJ26 SMCJ26A SMCJ28 SMCJ28A SMCJ30 SMCJ30A SMCJ33 SMCJ33A SMCJ36 SMCJ36A SMCJ40 SMCJ40A SMCJ43 SMCJ43A Device Marking Code GDD GDE GDF GDG GDH GDK GDL GDM GDN GDP GDQ GDR GDS GDT GDU GDV GDW GDX GDY GDZ GED GEE GEF GEG GEH GEK GEL GEM GEN GEP GEQ GER GES GET GEU GEV GEW GEX GEY GEZ GFD GFE GFF GFG GFH GFK GFL GFM GFN GFP GFQ GFR GFS GFT
Breakdown Voltage V(BR) (Volts) (Note 1) (MIN / MAX)
Test Current at IT(mA) 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off voltage VWM(Volts)
Maximum Reverse Leakage at VWM (Note 3) ID(uA)
Maximum Peak Pulse Surge Current IPPM (Note 2) (Amps)
6.40 / 7.3 6.40 / 7.0 6.67 / 8.15 6.67 / 7.37 7.22 / 8.82 7.22 / 7.98 7.78 / 9.51 7.78 / 8.60 8.33 / 10.3 8.33 / 9.21 8.89 / 10.9 8.89 / 9.83 9.44 / 11.5 9.44 / 10.4 10.0 / 12.2 10.0 / 11.1 11.1 / 13.6 11.1 / 12.3 12.2 / 14.9 12.2 / 13.5 13.3 / 16.3 13.3 / 14.7 14.4 / 17.6 14.4 / 15.9 15.6 / 19.1 15.6 / 17.2 16.7 / 20.4 16.7 / 18.5 17.8 / 21.8 17.8 / 19.7 18.9 / 23.1 18.9 / 20.9 20.0 / 24.4 20.0 / 22.1 22.2 / 27.1 22.2 /24.5 24.4 / 29.8 24.4 / 26.9 26.7 / 32.6 26.7 / 29.5 28.9 / 35.3 28.9 / 31.9 31.1 / 38.0 31.1 / 34.4 33.3 / 40.7 33.3 / 36.8 36.7 / 44.9 36.7 / 40.6 40.0 / 48.9 40.0 / 44.2 44.4 / 54.3 44.4 / 49.1 47.8 / 58.4 47.8 / 52.8
5.0 1000 5.0 1000 6.0 1000 6.0 1000 6.5 500 6.5 500 7.0 200 7.0 200 7.5 100 7.5 100 8.0 50 8.0 50 8.5 20 8.5 20 9.0 10 9.0 10 10.0 5.0 10.0 5.0 11.0 5.0 11.0 5.0 12.0 5.0 12.0 5.0 13.0 5.0 13.0 5.0 14.0 5.0 14.0 5.0 15.0Dimensions in 5.0 15.0 5.0 16.0 5.0 16.0 5.0 17.0 5.0 17.0 5.0 18.0 5.0 18.0 5.0 20.0 5.0 20.0 5.0 22.0 5.0 22.0 5.0 24.0 5.0 24.0 5.0 26.0 5.0 26.0 5.0 28.0 5.0 28.0 5.0 30.0 5.0 30.0 5.0 33.0 5.0 33.0 5.0 36.0 5.0 36.0 5.0 40.0 5.0 40.0 5.0 43.0 5.0 43.0 5.0
inches
164.0 171.0 138.0 152.0 128.0 140.0 118.0 131.0 110.0 122.0 105.0 115.0 99.0 109.0 93.0 102.0 83.0 92.0 78.0 86.0 71.0 79.0 66.0 73.0 61.0 67.0 and 58.0 64.0 54.0 60.0 51.0 57.0 48.0 53.0 43.0 48.0 39.0 44.0 36.0 40.0 33.0 37.0 31.0 34.0 29.0 32.0 26.0 29.0 24.0 27.0 22.0 24.0 20.0 22.0
Maximum Clamping Voltage at IPPM VC(Volts) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 (millimeters) 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4
- 548 -
Version: B07
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
Device Type Modified "J" Bend Lead SMCJ45 SMCJ45A SMCJ48 SMCJ48A SMCJ51 SMCJ51A SMCJ54 SMCJ54A SMCJ58 SMCJ58A SMCJ60 SMCJ60A SMCJ64 SMCJ64A SMCJ70 SMCJ70A SMCJ75 SMCJ75A MSJC78 SMCJ78A SMCJ85 SMCJ85A SMCJ90 SMCJ90A SMCJ100 SMCJ100A SMCJ110 SMCJ110A SMCJ120 SMCJ120A SMCJ130 SMCJ130A SMCJ150 SMCJ150A SMCJ160 SMCJ160A SMCJ170 SMCJ170A Device Marking Code GFU GFV GFW GFX GFY GFZ GGD GGE GGF GGG GGH GGK GGL GGM GGN GGP GGQ GGR GGS GGT GGU GGV GGW GGX GGY GGZ GHD GHE GHF GHG GHH GHK GHL GHM GHN GHP GHQ GHR
Breakdown Voltage V(BR) (Volts) (Note 1) (MIN / MAX)
O
Test Current at IT(mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off voltage VWM(Volts) 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100.0 100.0 110.0 110.0 120.0 120.0 130.0 130.0 150.0 150.0 160.0 160.0 170.0 170.0
Maximum Reverse Leakage at VWM (Note 3) ID(uA)
Maximum Peak Pulse Surge Current IPPM (Note 2) (Amps)
50.0 / 61.1 50.0 / 55.3 53.3 / 65.1 53.3 / 58.9 56.7 / 69.3 56.7 / 62.7 60.0 / 73.3 60.0 / 66.3 64.4 / 78.7 64.4 / 71.2 66.7 / 81.5 66.7 / 73.7 71.1 / 86.9 71.1 / 78.6 77.8 / 95.1 77.8 / 86.0 83.3 / 102 83.3 / 92.1 86.7 / 106 86.7 / 95.8 94.4 / 115 94.4 / 104 100 / 122 100 / 111 111 / 136 111 / 123 122 / 149 122 / 135 133 / 163 133 / 147 144 / 176 144 / 159 167 / 204 167 / 185 178 / 218 178 / 197 189 / 231 189 / 209
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
19.0 21.0 18.0 20.0 17.0 19.0 16.0 18.0 15.0 16.0 14.0 16.0 13.8 15.0 12.6 13.9 11.7 13.0 11.3 12.5 10.4 11.5 9.8 10.7 8.8 9.7 8.0 8.9 7.3 8.1 6.8 7.5 5.8 6.4 5.4 6.0 5.1 5.7
Maximum Clamping Voltage at IPPM VC(Volts) 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0
Notes: 1. V(BR) measured after IT applied for 300us, IT=Square wave pulse or equivalent. 2. Surge current waveform per Fig. 3 and derate per Figure 2. 3. For bidirectional types having VWM of 10 Volts and less, the ID limit is doubled 4. all terms and symbols are consistent with ANSI/IEEE C62.35
Version: B07
- 549 -
TVS APPLICATION NOTES:
Transient Voltage Suppressors may be used at various points in a circuit to provide various degrees of protection. The following is a typical linear power supply with transient voltage suppressor units placed at different points. All provide protection of the load.
FIGURE 1
Transient Voltage Suppressors 1 provides maximum protection. However, the system will probably require replacement of the line fuse(F) since it provides a dominant portion of the series impedance when a surge is encountered. However, we do not recommend to use the TVS diode here, unless we can know the electric circuit impedance and the magnitude of surge rushed into the circuit. Otherwise the TVS diode is easy to be destroyed by voltage surge. Transient Voltage Suppressor 2 provides execllent protection of circuitry excluding the transformer(T). However, since the transformer is a large part of the series impedance, the chance of the line fuse opening during the surge condition is reduced. Dimensions in inches and (millimeters) Transient Voltage Suppressor 3 provides the load with complete protection. It uses a unidirectional Transient Voltage Suppressor, which is a cost advantage. The series impedance now includes the line fuse, transformer, and bridge rectifier(B) so failure of the line fuse is further reduced. If only Transient Voltage Suppressor 3 is in use, then the bridge rectifier is unprotected and would require a higher voltage and current rating to prevent failure by transients. Any combination of these three, or any one of these applications, will prevent damage to the load. This would require varying trade-offs in power supply protection versus maintenance(changing the time fuse). An additional method is to utilize the Transient Voltage Suppressor units as a controlled avalanche bridge. This reduces the parts count and incorporates the protection within the bridge rectifier.
FIGURE 2 RECOMMENDED PAD SIZES
The pad dimensions should be 0.010"(0.25mm) longer than the contact size, in the lead axis. This allows a solder fillet to form, see figure below. Contact factory for soldering methods.
- 550 -
Version: B07


▲Up To Search▲   

 
Price & Availability of SMCJ501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X